PART |
Description |
Maker |
Y4485V0052QT9R Y4485V0065QT9R Y4485V0066QT9R Y4485 |
Ultra High Precision Bulk Metal㈢ Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal? Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal庐 Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal垄莽 Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal? Z-Foil Surface Mount Voltage Divider
|
http:// Vishay Siliconix
|
RCK02AHR RCK02HR |
Very High Precision, Stability & Reliability Bulk Metal Foil Resistors
|
Vishay
|
RCKHR02A-0810KB RCKHR02-0310KB RCKHR02-0310KC RCKH |
High Precision Bulk Metal? Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011 High Precision Bulk Metal庐 Foil with Tolerance of 卤 0.005 % and Qualified to ESA Specification 4001/011 High Precision Bulk Metal㈢ Foil with Tolerance of 【 0.005 % and Qualified to ESA Specification 4001/011
|
Vishay Siliconix
|
4812 4832 4804 4802 4800 4805 |
Ultra Precision Bulk Metal Film Resistors
|
Welwyn Components Limited
|
VSH Y090312K7560A0B Y090312K7560A9B Y090312K7560B0 |
Bulk Metal㈢ Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 【 0.01 % and Load Life Bulk Metal? Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life Bulk Metal庐 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 卤 0.01 % and Load Life Bulk Metal垄莽 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 隆戮 0.01 % and Load Life
|
Vishay Siliconix
|
SMR3D |
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
Y0020100M250T0L Y0020100R250T0L Y0021100K250T0L Y0 |
Bulk Metal㈢ Foil Technology Industrial Precision Resistors with TCR of 【 4 ppm/∑C and Tolerance of 【 0.01 % Bulk Metal? Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 % Bulk Metal庐 Foil Technology Industrial Precision Resistors with TCR of 卤 4 ppm/掳C and Tolerance of 卤 0.01 % Bulk Metal垄莽 Foil Technology Industrial Precision Resistors with TCR of 隆戮 4 ppm/隆?C and Tolerance of 隆戮 0.01 %
|
Vishay Siliconix
|
VCS1010R005B VCS1010R005K VCS1010R0100B VCS1010R20 |
Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
|
VISAY[Vishay Siliconix]
|
1260W500R00JB 1260W500R00KB 1260W500R00MB 1260X |
Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers,3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Bulk Metal? Foil Technology Precision Trimming Potentiometers,3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the
|
Vishay Siliconix
|
RGH1005-2B RGH1005-2B-P-102-B RGH1005-2C-P-102-B R |
RGH series,high-power and high-precision metal film chip resistors
|
ETC List of Unclassifed Manufacturers
|
RCMA RCMA1 RCMA2 RCMA4 |
Molded Metal Film Very High Stability and Precision Resistors
|
Vishay Intertechnology,Inc.
|
1401 |
Bulk Metal Foil Technology, 3 Pin Transistor Outline Hermetic Resistor Network Bulk Metal?? Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network SPACER NYLON .028X.060
|
Vishay Siliconix Vishay Intertechnology,Inc.
|